Part Number Hot Search : 
ML2252 PBSS51 TXV1N BCX53 ADB2504P MC5430 SIHLD110 IRF741
Product Description
Full Text Search
 

To Download APT30D60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
TO
-25
8
1 - Cathode 2 - Anode Case Isolated
APT30D60H
1 2
600V
30A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Hermetic TO-258 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT30D60H UNIT
600
Volts
Maximum Average Forward Current (TC = 60C, Duty Cycle = 0.5) RMS Forward Current Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
30 40 200 -55 to 150
C Amps
300
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Maximum Forward Voltage IF = 60A IF = 30A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
2.0 1.7 1.8 250
A Volts
500 40 10
pF nH
053-4019 Rev - 2-2001
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 30A, diF /dt = -240A/s, VR = 350V Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -240A/s, VR = 350V Forward Recovery Time IF = 30A, diF /dt = 240A/s, VR = 350V Reverse Recovery Current IF = 30A, diF /dt = -240A/s, VR = 350V Recovery Charge IF = 30A, diF /dt = -240A/s, VR = 350V Forward Recovery Voltage IF = 30A, diF /dt = 240A/s, VR = 350V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT30D60H
MAX UNIT
50 50 80 155 155 4 7.5 100
65
ns
10
Amps
15
nC
300 5
Volts
5 400
A/s
200
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RqJC RqJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance MIN TYP MAX UNIT C/W
1.5 40 0.22
oz gm lb*in N*m
17.65 (.695) 17.39 (.685) 8.89 (.350) 8.63 (.340)
Package Weight
6.1
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
APT Reserves the right to change, without notice, the specifications and information contained herein.
Torque
TO-258 Package Outline
1.14 (.045) 0.88 (.035)
4.19 (.165) 3.94 (.155) 21.21 (.835) 20.70 (.815) 13.84 (.545) 13.58 (.535) 17.96 (.707) 17.70 (.697)
Cathode
19.05 (0.750) 12.70 (0.500)
N.C. Anode
053-4019 Rev - 2-2001
3.56 (.140) BSC 6.86 (.270) 6.09 (.240)
1.65 (.065) Dia. Typ. 1.39 (.055) 3 Leads 5.08 (.200) BSC
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT30D60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X